PART |
Description |
Maker |
BD80C0AFPS BD80C0AFPS10 BD90C0AFPS BD80C0AFPS-E2 |
Standard Fixed Output LDO Regulators 8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO2 ROHS COMPLIANT, TO-252, 3 PIN
|
Rohm IDEC, Corp.
|
FAN2500 FAN2501 FAN2500S26X FAN2500S25X FAN2500S27 |
100 mA CMOS LDO Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5 Low-dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5 100 mA CMOS LDO Regulators 2.7 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5 100 mA CMOS LDO Regulators 2.85 V FIXED POSITIVE LDO REGULATOR, 0.14 V DROPOUT, PDSO5
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
1763FS LT1763-2.5 LT1763-1.5 LT1763-1.8 LT1763-3.3 |
500mA, Low Noise, LDO Micropower Regulators(2.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(1.5V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(3V杈??锛?000mA,浣??澹帮?浣??宸?ǔ???) 500mA, Low Noise, LDO Micropower Regulators(2.5V输出000mA,低噪声,低压差稳压器) 500mA的,低噪声,LDO的微功耗稳压器2.5V的输出,五零零零毫安,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(3.3V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.8V输出000mA,低噪声,低压差稳压器) 500mA, Low Noise, LDO Micropower Regulators(1.5V输出5000mA,低噪声,低压差稳压器) From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation
|
FAN251410 |
200 mA CMOS LDO Regulators
|
Fairchild Semiconductor
|
FAN2514S25X FAN2514S26X FAN2514S27X FAN2514S285X F |
Low-dropout Voltage Regulator 200 mA CMOS LDO Regulators with Fast Start Enable 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 200 mA CMOS LDO Regulators with Fast Start Enable 3.3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 200 mA CMOS LDO Regulators with Fast Start Enable 2.85 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 2.7 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 2.6 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
BU33SD2MG-M BU25SD2MG-M |
1ch 200mA CMOS LDO Regulators
|
ROHM
|
BH33NB1WHFV BH33NB1WHFV-TR BH25NB1WHFV BH30NB1WHFV |
1ch 150mA CMOS LDO Regulators
|
ROHM
|
BU18SD2MG-MTR BU30SD2MG-MTR BU15SD2MG-MTR BU33SD2M |
1ch 200mA CMOS LDO Regulators
|
Rohm
|
SP6201EM5-L-1-8 SP6201EM5-L-1-5 SP6201EM5-L-2-5 SP |
100mA/200mA Micropower CMOS LDO Regulators
|
Exar Corporation
|
FAN2510 FAN2511X30 FAN2511X33 FAN2511X25 FAN2511X2 |
100 mA CMOS LDO Regulators with Fast Start Enable
|
Fairchild Semiconductor
|
SP6203EM5-L |
300mA/500mA Low Noise CMOS LDO Regulators
|
Exar Corporation
|